PART |
Description |
Maker |
MA600MRWRI5 |
EN 60601 Approved 2:1 Input, DIP, 6W DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA3110DMRW-12RI4 MA3110DMRW-15RI4 MA3110SMRU-05RI4 |
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
|
MicroPower Direct, LLC
|
BENCHVUEELA |
BenchVue Electronic Load App
|
Keysight Technologies
|
SMX1200XLHG |
SmartPro 230V 1000VA 750W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
|
Tripp Lite. All Rights ...
|
STV9302 STV9302A |
VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
|
STMICROELECTRONICS[STMicroelectronics]
|
MA312DMRW-15RI5 |
EN 60601 Approved 2:1 Input, DIP, 3.5W DC/DC Con vert ers
|
MicroPower Direct, LLC
|
AN1102 |
ST10 DIRECT MEMORY ACCESS USING MAC - APP NOTE - REV A - 5/11/98
|
SGS Thomson Microelectronics
|
ADP3163 ADP3163JRU ADP3163JRU-REEL ADP3163JRUZ-REE |
500-mA, 4.2-V Li-Ion Charger for Current-Limited App. w/Temp Sense in MSOP-8 8-MSOP-PowerPAD -40 to 85 5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
|
Analog Devices, Inc. AD[Analog Devices]
|
STEVAL-IDI003V2 |
Android app available
|
STMicroelectronics
|
NN5118160 NN5118160A NN5118160AJ-50 NN5118160AJ-60 |
CMOS 1M x 16BIT DYNAMIC RAM 的CMOS 100万16动态随机存储器 Connector Housing; For Use With:APP PP75 Series Power Connectors; Leaded Process Compatible:No; No. of Contacts:1; Peak Reflow Compatible (260 C):No; Voltage Rating:75V RoHS Compliant: Yes CB 8C 7#16 1#12 SKT RECP BOX Fast Page Mode CMOS 1M x 16-Bit DRAM
|
Glenair, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Nippon Steel Semiconductor
|